Part Number Hot Search : 
20215 HCT10 KDV214 RL204 P0720EC ZMM5260 T026MD 40N03
Product Description
Full Text Search
 

To Download CZRW5232 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Zener Diodes
COMCHIP
www.comchip.com.tw
CZRW5221 - CZRW5259
Voltage: 2.4 - 39 Volts Power: 500mW
FEATURES
Planar Die constructions
500mW Power Dissipation Zener Voltages from 2.4V - 39V
.028(0.70) .019(0.50)
.154 (3.90) .141 (3.60) .110 (2.80) .098 (2.50)
SOD-123
.071(1.80) .053(1.35) .055(1.40)
Ideally Suited for Automated Assembly Processes
MECHANICAL DATA
Case: SOD-123, Molded Plastic
.008(0.20) Max. .037(0.95)
Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Below Approx. Weight: 0.008 grams Mounting Position: Any
.005 (.12) MAX.
.016 (.40)Min.
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characterics
Parameter Power Dissipation (Note A) at 75C Peak Forward Surge Current Surge, 8.3ms Single Half Sine-wave Superimposed on Rated Load (JEDEC Method) (Note B) Operating Junction and Storage Temperature Range Symbol PD IFSM TJ Value 500 4 -55 to +150 Units mW A C
NOTES: A. Mounted on 5.0mm 2(.013mm thick) land areas. B. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
MDS0208005A
Page 1
Surface Mount Zener Diodes
Maximum Ratings and Electrical Characterics
(TA=25 unless otherwise noted) VF=1.2V, IF=100m A for all types
COMCHIP
www.comchip.com.tw
Nominal Zener Voltage Part Number Nom. V CZRW5221 CZRW5222 CZRW5223 CZRW5225 CZRW5226 CZRW5227 CZRW5228 CZRW5229 CZRW5230 CZRW5231 CZRW5232 CZRW5234 CZRW5235 CZRW5236 CZRW5237 CZRW5239 CZRW5240 CZRW5241 CZRW5242 CZRW5243 CZRW5245 CZRW5246 CZRW5248 CZRW5250 CZRW5251 CZRW5252 CZRW5254 CZRW5255 CZRW5256 CZRW5257 CZRW5258 CZRW5259
NOTE:
Max. Zener Impedance ZZT @ IZT Ohm mA 30 30 30 30 28 24 23 22 19 17 11 7 5 6 8 10 17 22 30 13 16 17 21 25 29 33 41 44 49 58 70 80 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 8.5 7.8 7 6.2 5.6 5.2 5 4.5 4.2 3.8 3.4 3.2 ZZK @ IZK Ohm mA 1200 1250 1300 1600 1600 1700 1900 2000 1900 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Max Reverse Leakage Current IR @ VR nA V 100 100 75 50 25 15 10 5 5 5 5 5 3 3 3 3 3 3 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 1 1 1 1 1 1 1 1 2 2 3 4 5 6 6 6.5 8 8.4 9.1 9.9 11 12 14 15 17 18 21 21 23 25 27 30
VZ @ IZT Min. V Max. V 2.28 2.38 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.89 6.46 7.13 7.79 8.65 9.5 10.45 11.4 12.35 14.25 15.2 17.1 19 20.9 22.8 25.65 26.6 28.5 31.35 34.2 37.05 2.52 2.63 2.84 3.15 3.47 3.78 4.1 4.52 4.94 5.36 5.88 6.51 7.14 7.88 8.61 9.56 10.5 11.55 12.6 13.65 15.75 16.8 18.9 21 23.1 25.2 28.35 29.4 31.5 34.65 37.8 40.95
Max Zener Current IZM@ TA mA 188 180 167 150 138 126 115 106 97 89 81 73 67 61 55 50 45 41 38 35 30 28 25 23 21 19.1 16.8 16.2 15.1 13.8 12.6 11.6
500 mWatts Zener Diodes
2.4 2.5 2.7 3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 28 30 33 36 39
1. Tolerance and Type Number Designation. The type numbers listed have a standard tolerance on the nominal zener voltage of 5%. 2. Specials Available Include: A. Nominal zener voltages between the voltages shown and tighter voltage tolerances. B. Matched sets. 3.Zener Voltage (VZ) Measurement. Guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature (TL) at 30OC, from the diode body. 4. Zener Impedance (ZZ) Derivation. The zener impedance is derived from the 60 cycle ac voltage, which results when an AC current having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK. 5. Surge Current (IR) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC registration; however, actual device capability is as described in Figure 5.
MDS0208005A
Page 2
Surface Mount Zener Diodes
COMCHIP COMCHIP
www.comchip.com.tw
8 7
100
TEMPERATURE COEFFICIENT,mV / oC)
6 5 4 3 2
1
0 -1 -2 -3 2 3 4 5 6 7 8 9 10 11 12
TEMPERATURE COEFFICIENT,mV / oC)
10
1 10
100
NOMINAL ZENER VOLTAGE, Volts
NOMINAL ZENER VOLTAGE, Volts
TYPICAL REVERSE CURRENT
STEADY STATE POWER DERATING
1000
DYNAMIC IMPEDANCE, W
1000
FORWARD CURRENT, mA
IZ = 1 mA
TJ=25 C IZ(AC)=0.1IZ(DC) F=1 kHZ
O
100
5 mA 20 mA
100
10
10
150 C
75OC
O
25 C
O
5C
O
1
1
10
NORMAL ZENER VOLTAGE, Volts
100
1 0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
FORWARD VOLTAGE, Volts
TYPICAL FORWARD VOLTAGE
1.2 1.0 0.8 0.6
1000 0 V BIAS 1 V BIAS 100 BIAS AT 50% OF VZ NOM 10
TA=25oC
POWER DISSIPATION, Watts
PD V.S. TA
0.4 0.2 0
CAPACITANCE, pF
75 100 125 150 155
25
50
1
TEMPERATURE (oC)
1
10
NOMINAL ZENER VOLTAGE, Volts
100
STEADY STATE POWER DERATING
MDS0208005A
TYPICAL CAPACITANCE
Page 3
Surface Mount Zener Diodes
COMCHIP COMCHIP
www.comchip.com.tw
100
TA=25 C
ZENER CURRENT, mA ZENER CURRENT, mA
o
100
TA=25 C
o
10
10
1
1
0.1
0.1
0.01
0
2
4
6
8
10
12
0.01
10
30
50
70
90
ZENER VOLTAGE, Volts
ZENER VOLTAGE, Volts
ZENER VOLTAGE V.S. ZENER CURRENT
ZENER VOLTAGE V.S. ZENER CURRENT
1000
LEAKAGE CURRENT (mA)
100 10 1 0.1 0.01 0.001 0.0001 0.00001 0 10 20 30 40 50 60 70
+150 C
O
+25OC -55 C
80 90
O
NOMINAL ZENER VOLTAGE, Vlots
TYPICAL LEAKGE CURRENT
MDS0208005A
Page 4


▲Up To Search▲   

 
Price & Availability of CZRW5232

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X